Part Number Hot Search : 
M38510 53290 M38510 KS0649 4N03L 2SC49 HT48F06E MBT3904
Product Description
Full Text Search
 

To Download STU419S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S T U/D419S
S amHop Microelectronics C orp.
Mar,29, 2007
P -C hannel Logic Level E nhancement Mode Field E ffect Transistor
P R ODUC T S UMMAR Y
V DS S
-40V
F E AT UR E S
( m W ) Max
ID
-40A
R DS (ON)
S uper high dense cell design for low R DS (ON).
R ugged and reliable. S urface Mount P ackage. E S D P rocteced
D
9 @ V G S = -10V 12 @ V G S = -4.5V
D G S
G D
S
G
S TU S E R IE S TO-252AA(D-P AK)
S TD S E R IE S TO-251(l-P AK)
S
AB S OL UTE MAXIMUM R ATINGS
P arameter Drain-S ource Voltage Gate-S ource Voltage Drain C urrent-C ontinuous @ Ta -P ulsed
b a
(TA=25 C unles s otherwis e noted)
S ymbol VDS VGS Limit -40 20 -40 -32 -100 -10 50 35 -55 to 175 W C Unit V V A A A A
25 C 70 C
ID IDM IS PD TJ, TS TG
Drain-S ource Diode Forward C urrent a Maximum P ower Dissipation a Operating Junction and S torage Temperature R ange Ta= 25 C Ta=70 C
THE R MAL C HAR AC TE R IS TIC S
Thermal R esistance, Junction-to-C ase Thermal R esistance, Junction-to-Ambient R JC R JA
1
3 50
C /W C /W
S T U/D419S
P-Channel ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
Parameter
5
S ymbol
BVDSS IDSS IGSS VGS(th) R DS (ON) ID(ON) gFS CISS COSS CRSS
b
Condition
VGS = 0V, ID = -250uA VDS = -32V, VGS= 0V VGS = 20V, VDS = 0V VDS = VGS, ID =-250uA VGS =-10V, ID= -14A VGS =-4.5V, ID = -10A VDS =-5V, VGS = -10V VDS = -10V, ID = -14A
Min Typ C Max Unit
-40 -1 10 -1.0 -1.5 7 9.5 30 9 3550 710 420 -3.0 9 V uA uA V
m ohm
OFF CHAR ACTE R IS TICS
Drain-S ource Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage
ON CHAR ACTE R IS TICS a
Gate Threshold Voltage Drain-S ource On-S tate R esistance On-S tate Drain Current Forward Transconductance
12 m ohm A S
DYNAMIC CHAR ACTE R IS TICS b
Input Capacitance Output Capacitance R everse Transfer Capacitance VDS =-15V, VGS = 0V f =1.0MHZ
PF PF PF
S WITCHING CHAR ACTE R IS TICS
Turn-On Delay Time R ise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate-S ource Charge Gate-Drain Charge
tD(ON) tr tD(OFF) tf Qg Qgs Qgd
VDD = -15V ID = -14 A VGS = -10V R GE N = 3ohm
VDS =-15V, ID =-14A,VGS =-10V VDS =-15V, ID =-14A,VGS =-4.5V
40 70 345 125 87 42 9 20
ns ns ns ns nC nC nC nC
VDS =-15V, ID = -14A VGS =-10V
2
S T U/D419S
E LE CTR ICAL CHAR ACTE R IS TICS (TA=25 C unless otherwise noted)
Parameter
Diode Forward Voltage
S ymbol
VSD
Condition
VGS = 0V, Is = -10A
Min Typ Max Unit
-0.7 -1.2 V
DR AIN-S OUR CE DIODE CHAR ACTE R IS TICS a
Notes a.Pulse Test:Pulse Width 300us, Duty Cycle 2%. b.Guaranteed by design, not subject to production testing.
50 V G S =-10V 40 15 V G S =-2.5V
V G S =-4.5V
20
- ID, Drain C urrent(A)
30
-ID, Drain C urrent (A)
10
20 V G S =-2V 10 0
5 -55 C 1 0 T j=125 C 0 0.5 1.0 1.5 25 C 2.0 2.5 3.0
0
0.5
1
1.5
2
2.5
3
-V DS , Drain-to-S ource Voltage (V )
-V G S , G ate-to-S ource Voltage (V )
F igure 1. Output C haracteris tics
24 20
F igure 2. Trans fer C haracteris tics
1.8
R DS (ON), On-R es is tance Normalized
1.6 1.4
V G S =-10V ID=-14A
R DS (on) (m )
16 12 V G S =4.5V 8 V G S =10V 4 0
1.2
V G S =-4V ID=-10A
1.0 0.8
1
5
10
15
20
25
0
25
50
75
100
125
150
T j( C )
-ID, Drain C urrent (A)
T j, J unction T emperature ( C )
F igure 3. On-R es is tance vs . Drain C urrent and G ate V oltage
F igure 4. On-R es is tance Variation with Drain C urrent and Temperature
3
S T U/D419S
B V DS S , Normalized Drain-S ource B reakdown V oltage V th, Normalized G ate-S ource T hres hold V oltage
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 -50 -25 0 25 50 75 100 125 150 V DS =V G S ID=-250uA 1.15 1.10 1.05 1.00 0.95 0.90 0.85 -50 -25 0 25 50 75 100 125 150 ID=-250uA
6
T j, J unction T emperature ( C )
T j, J unction T emperature ( C )
F igure 5. G ate T hres hold V ariation with T emperature
30 125 C 25 75 C
F igure 6. B reakdown V oltage V ariation with T emperature
20.0
125 C 25 C
ID=-14A
15.0
-Is , S ource-drain current (A)
10.0 5.0
R DS (on) (m )
20 15 10 5 0
25 C
75 C
1.0
0 2 4 6 8 10
0
0.4
0.8
1.2
1.6
2.0
-V G S , G ate-S ource Voltage (V )
-V S D, B ody Diode F orward V oltage (V )
F igure 7. On-R es is tance vs . G ate-S ource V oltage
F igure 8. B ody Diode F orward V oltage V ariation with S ource C urrent
4
S T U/D419S
-V G S , G ate to S ource V oltage (V )
4800 4000
10 8 6 4 2 0 VDS =-15V ID=-14A
C is s
C , C apacitance (pF )
3200 2400 1600 C os s 800 C rs s 0 0 5 10 15 20 25 30
6
0
12.5 25 37.5 50 62.5 75
Qg, T otal G ate C harge (nC )
87.5 100
-V DS , Drain-to S ource Voltage (V )
F igure 9. C apacitance
F igure 10. G ate C harge
6000
S witching T ime (ns ) ID, Drain C urrent (A)
140 10
R
DS
(O N
)L
im i
t
10
1000 600 100
T D(off)
ms
10
0m
Tf Tr
s
1
1s
DC
T D(on)
10 1 3 6 10
VDS=-15V,ID=-14A VGS=-10V
0.1 0.03
VGS =-10V S ingle P ulse T A=25 C 0.1 1 10 30 50
60 100 300 600
R g, G ate R es is tance ()
-V DS , Drain-S ource V oltage (V )
F igure 11.s witching characteris tics
F igure 12. Maximum S afe O perating Area
2
r(t),Normalized E ffective T ransient T hermal Impedance
1 D=0.5
0.2 0.1 0.1 P DM 0.05 0.02 0.01 S ING LE P ULS E 0.01 10
-5 -4 -3 -2 -1
t1 t2 1. 2. 3. 4. 10 10 10 R J A (t)=r (t) * R J A R J A=S ee Datas heet T J M-T A = P DM* R J A (t) Duty C ycle, D=t1/t2 1 10
10
S quare Wave P uls e Duration (s ec)
F igure 13. Normalized T hermal T rans ient Impedance C urve 5
S T U/D419S
6
S T U/D419S
5 95 7 84 9 6.00
35 05 85 0.94 4 3 0
9 7 30 3 9 36
3 41 3 3 5 1
4
L2
2.29 9.70 1.425 0.650 0.600
BSC 1 1.625 0.850 REF .
0.090 82 56 6 0.024
BSC 398 0.064 33 REF .
7
S T U/D419S
TO251 Tube/TO-252 Tape and Reel Data
TO-251 Tube
" A"
TO-252 Carrier Tape
UNIT: PACKAGE TO-252 (16 A0 6.80 0.1 B0 10.3 0.1 K0 2.50 0.1 D0 2 D1
1.5 + 0.1 -0
E 16.0 0.3
E1 1.75 0.1
E2 7.5 0.15
P0 8. 0 0.1
P1 4. 0 0.1
P2 2.0 0.15
T 0.3 0.05
TO-252 Reel
S
UNIT: TAPE SIZE 16 REEL SIZE 330 M 330 0.5 N 97 1.0 W
17.0 + 1.5 -0
T 2.2
H
13.0 + 0.5 - 0.2
K 10.6
S 2.0 0.5
G
R
V
8


▲Up To Search▲   

 
Price & Availability of STU419S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X